Part Number Hot Search : 
SMBJ45A APTGT5 FCH10U SM5841HS V0DS00 MC1451 74LV393N BGY58
Product Description
Full Text Search
 

To Download IRFZ44L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRFZ44S, IRFZ44L, SiHFZ44S, SiHFZ44L
Vishay Siliconix
Power MOSFET
PRODUCT SUMMARY
VDS (V) RDS(on) () Qg (Max.) (nC) Qgs (nC) Qgd (nC) Configuration VGS = 10 V 67 18 25 Single
D
FEATURES
60 0.028
* * * * * *
Advanced Process Technology Surface Mount (IRFZ44S, SiHFZ44S) Low-Profile Through-Hole (IRFZ44L, SiHFZ44L) 175 C Operating Temperature Fast Switching Lead (Pb)-free Available
Available
RoHS*
COMPLIANT
DESCRIPTION
Third generation Power MOSFETs from Vishay utilize advanced processing techniques to achieve extermely low on resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that power MOSFETs are well known for, provides the designer with an extermely efficient reliabel deviece for use in a wide variety of applications. The D2PAK is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and lowest possible on-resistance in any existing surface mount package. The D2PAK is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0 W in a typical surface mount application. The through-hole version (IRFZ44L/SiHFZ44L) is available for low profile applications.
I2PAK (TO-262)
D2PAK (TO-263)
G
G
D S
S N-Channel MOSFET
ORDERING INFORMATION
Package Lead (Pb)-free SnPb Note a. See device orientation. D2PAK (TO-263) IRFZ44SPbF SiHFZ44S-E3 IRFZ44S SiHFZ44S D2PAK (TO-263) IRFZ44STRRPbFa SiHFZ44STR-E3a IRFZ44STRRa SiHFZ44STRa D2PAK (TO-263) IRFZ44STRLPbFa SiHFZ44STL-E3a IRFZ44STRLa SiHFZ44STLa I2PAK (TO-262) IRFZ44LPbF SiHFZ44L-E3 IRFZ44L SiHFZ44L
ABSOLUTE MAXIMUM RATINGS TC = 25 C, unless otherwise noted
PARAMETER Drain-Source Voltagef Gate-Source Voltagef Continuous Drain Currente Continuous Drain Current Pulsed Drain Currenta, e Linear Derating Factor Single Pulse Avalanche Energyb Maximum Power Dissipation Peak Diode Recovery dV/dtc, f Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperatured) Notes
a. b. c. d. e.
SYMBOL VDS VGS VGS at 10 V TC = 25 C TC = 100 C ID IDM EAS TA = 25 C TC = 25 C PD dV/dt TJ, Tstg for 10 s
LIMIT 60 20 50 36 200 1.0 100 3.7 150 4.5 - 55 to + 175 300
UNIT V A W/C mJ W V/ns C
Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). VDD = 25 V; starting TJ = 25 C, L = 44 H, RG = 25 , IAS = 51 A (see fig. 12). ISD 51 A, dI/dt 250 A/s, VDD VDS, TJ 175 C. 1.6 mm from case. Calculated continuous current based on maximum allowable junction temperature.
f. Uses IRFZ44/SiHFZ44 data and test conditions. * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 91293 S-Pending-Rev. A, 23-Jul-08
WORK-IN-PROGRESS
www.vishay.com 1
IRFZ44S, IRFZ44L, SiHFZ44S, SiHFZ44L
Vishay Siliconix
THERMAL RESISTANCE RATINGS
PARAMETER Maximum Junction-to-Ambient (PCB Mounted, steady-state)a Maximum Junction-to-Case SYMBOL RthJA RthJC TYP. MAX. 40 1.0 UNIT C/W
Note a. When mounted on 1" square PCB (FR-4 or G-10 material).
SPECIFICATIONS TJ = 25 C, unless otherwise noted
PARAMETER Static Drain-Source Breakdown Voltage VDS Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current Drain-Source On-State Resistance Forward Transconductance Dynamic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Source Inductance Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulsed Diode Forward Currenta Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Forward Turn-On Time IS ISM VSD trr Qrr ton MOSFET symbol showing the integral reverse p - n junction diode
D
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS VDS/TJ VGS(th) IGSS IDSS RDS(on) gfs
VGS = 0 V, ID = 250 A Reference to 25 C, ID = 1 mA VDS = VGS, ID = 250 A VGS = 20 V VDS = 60 V, VGS = 0 V VDS = 48 V, VGS = 0 V, TJ = 150 C VGS = 10 V ID = 31 Ab Ab VDS = 25 V, ID = 31
60 2.0 15
0.06 -
4.0 100 25 250 0.028 -
V V/C V nA A S
Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf LS
VGS = 0 V, VDS = 25 V, f = 1.0 MHz, see fig. 5 d
-
1900 920 170 14 110 45 92 7.5
67 18 25 nH ns nC pF
VGS = 10 V
ID = 51 A, VDS = 48 V, see fig. 6 and 13b
-
VDD = 30 V, ID = 51 A, rG = 9.1 , rD = 0,55 , see fig. 10b Between lead, and center of die contact
-
-
120 530
50d A 200 2.5 180 800 V ns nC
G
S
TJ = 25 C, IS = 51 A, VGS = 0
Vb
TJ = 25 C, IF = 51 A, dI/dt = 100 A/sb, d
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Pulse width 300 s; duty cycle 2 %. c. Uses IRFZ44/SiHFZ44 data and test conditions. d. Calculated continuous current based on maximum allowable junction temperature.
www.vishay.com 2
Document Number: 91293 S-Pending-Rev. A, 23-Jul-08
IRFZ44S, IRFZ44L, SiHFZ44S, SiHFZ44L
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
Fig. 1 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Document Number: 91293 S-Pending-Rev. A, 23-Jul-08
www.vishay.com 3
IRFZ44S, IRFZ44L, SiHFZ44S, SiHFZ44L
Vishay Siliconix
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage '
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 8 - Maximum Safe Operating Area
www.vishay.com 4
Document Number: 91293 S-Pending-Rev. A, 23-Jul-08
IRFZ44S, IRFZ44L, SiHFZ44S, SiHFZ44L
Vishay Siliconix
rD VDS VGS rG D.U.T. + - VDD 10 V
Pulse width 1 s Duty factor 0.1 %
Fig. 10a - Switching Time Test Circuit
VDS 90 %
10 % VGS td(on) tr td(off) tf
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
L Vary tp to obtain required IAS rG VDS
VDS tp VDD
D.U.T IAS
+ -
V DD
VDS
10 V tp 0.01
IAS
Fig. 12b - Unclamped Inductive Waveforms www.vishay.com 5
Fig. 12a - Unclamped Inductive Test Circuit Document Number: 91293 S-Pending-Rev. A, 23-Jul-08
IRFZ44S, IRFZ44L, SiHFZ44S, SiHFZ44L
Vishay Siliconix
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Current regulator Same type as D.U.T.
50 k
12 V
10 V QGS
QG
0.2 F
0.3 F
QGD D.U.T.
+ -
VDS
VG
VGS
3 mA
Charge
IG ID Current sampling resistors
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
www.vishay.com 6
Document Number: 91293 S-Pending-Rev. A, 23-Jul-08
IRFZ44S, IRFZ44L, SiHFZ44S, SiHFZ44L
Vishay Siliconix
Peak Diode Recovery dV/dt Test Circuit
D.U.T
+
Circuit layout considerations * Low stray inductance * Ground plane * Low leakage inductance current transformer
+ +
-
rG
* * * *
dV/dt controlled by rG Driver same type as D.U.T. ISD controlled by duty factor "D" D.U.T. - device under test
+ VDD
Driver gate drive P.W. Period D=
P.W. Period VGS = 10 V*
D.U.T. ISD waveform Reverse recovery current Body diode forward current dI/dt D.U.T. VDS waveform Diode recovery dV/dt
VDD
Re-applied voltage Inductor current
Body diode
forward drop
Ripple 5 %
ISD
* VGS = 5 V for logic level devices
Fig. 14 - For N-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?91293.
Document Number: 91293 S-Pending-Rev. A, 23-Jul-08
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IRFZ44L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X